PART |
Description |
Maker |
M58LT128HST8ZA6F M58LT128HSB M58LT128HST M58LT128H |
128-Mbit (8 Mb 】16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
|
STMICROELECTRONICS[STMicroelectronics]
|
AT945 AT94S40AL-25DGI AT94S05 AT94S05AL AT94S05AL- |
Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM The Secure FPSLIC combines our AT94K05AL FPSLIC device and a secure configuration EEPROM in a single 256-pin CABGA package. Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller/ up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM The Secure FPSLIC combines our AT94K10AL FPSLIC device and a secure configuration EEPROM in a single (256 BGA and 144LQ) package. The Secure FPSLIC combines our AT94K40AL FPSLIC device and a secure configuration EEPROM in a single (256 BGA and 144 LQ) package.
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
SML9030-T254 SML9030T254 |
P-Channel MOS Transistor(Vdss:-50V,Id(cont):-18A,Rds(on):0.14Ω)(P沟道MOS晶体Vdss:-50V,Id(cont):-18A,Rds(on):0.14Ω))
|
Semelab(Magnatec) TT electronics Semelab Limited Seme LAB
|
CAT5411 CAT5411BI-00-TE13 CAT5411BI-10-TE13 CAT541 |
64-Tap Dual DPP with SPI Interface 132dB SNR Highest Performance Stereo Audio DAC (H/W Control) 28-SSOP -25 to 85 123dB SNR Stereo Audio DAC (S/W Control) 28-SSOP -25 to -40 DUAL 50K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 TSSOP-24 DUAL 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 TSSOP-24 DUAL 10K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 TSSOP-24 Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and SPI Interface 双数字可编程电位计(民进党)64丝锥和SPI接口 DUAL 2.5K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 TSSOP-24 DUAL 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PBGA24
|
CATALYST[Catalyst Semiconductor] 数字电位 ON Semiconductor
|
X9448 X9448-2.7 |
Dual smart comparator with 64 tap XDCP potentiometer, low power, two-wire interface, dual supply Mixed Signal with 2-Wire Interface
|
XICOR[Xicor Inc.]
|
CAT5221WI-00 CAT5221WI-10 CAT5221WI-25 CAT5221WI-5 |
DPP, NV, Quad 64 taps, I<sup>2</sup>C DUAL 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO20 DPP, NV, Quad 64 taps, I<sup>2</sup>C DUAL 100K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO20 Dual Digitally Programmable Potentiometer (DPP⑩) with 64 Taps and I2C Interface Dual Digitally Programmable Potentiometer (DPP垄芒) with 64 Taps and I2C Interface Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface Dual Digitally Programmable Potentiometer (DPP? with 64 Taps and I2C Interface
|
ON Semiconductor Catalyst Semiconductor http://
|
AD5667RBCPZ-R2 AD5667RBCPZ-REEL7 AD5667RBRMZ- AD56 |
Dual, 12-/14-/16-Bit nanoDACs垄莽 with 5 ppm/隆?C On-Chip Reference, I2C垄莽 Interface Dual, 12-/14-/16-Bit nanoDACs庐 with 5 ppm/掳C On-Chip Reference, I2C庐 Interface Dual, 12-/14-/16-Bit nanoDACs? with 5 ppm/°C On-Chip Reference, I2C? Interface
|
Analog Devices http://
|
NCN6804MNR2G NCN6804 |
Dual Smart Card Interface IC with SPI Programming Interface
|
ONSEMI[ON Semiconductor]
|
DS5240 DS5240F-8N5 DS5240F-125 DS5240F-1N5 DS5240F |
High-Speed Secure Microcontroller High-Speed Secure Microcontroller 高速安全微控制 High- Speed Secure Microcontroller From old datasheet system
|
Maxim Integrated Products, Inc. Dallas Semiconducotr DALLAS[Dallas Semiconductor] MAXIM - Dallas Semiconductor
|
2417H4A 2417G4A 2417G4ANETLIGHT |
Dual Nonvolatile Digital Potentiometer and Secure Memory NetLight2417G4Aand2417H4AATM/SONET/SDHTransceivers NetLight 2417G4A and 2417H4A ATM/SONET/SDH Transceivers
|
AgereSystems AGERE[Agere Systems]
|
NCN6004A NCN6004AFTBR2 |
Dual SAM/SIM Interface/Power Supply Circuit for Secured Access Module Reader/Writer Applications Dual SAM/SIM Interface Integrated Circuit
|
ONSEMI[ON Semiconductor]
|
X9418 X9418WP24 X9418WP24-2.7 X9418WP24I X9418WP24 |
Dual 64 tap XDCP potentiometer,low power two-wire interface, dual supply Dual Digitally Controlled Potentiometers
|
XICOR[Xicor Inc.]
|